PART |
Description |
Maker |
SI3452 SI3452-B01-GM SI3452-B01-IM SI3452A-B01-GM |
QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
|
Silicon Laboratories
|
LTC4274C-15 |
Single PoE/PoE/LTPoE PSE Controller
|
Linear Technology
|
LT4276BHUFDPBF LT4276BHUFDTRPBF LT4276CIUFDPBF |
LTPoE /PoE /PoE PD Forward/Flyback Controller
|
Linear Technology
|
HPX2126L HPX2126LD HPX2126LB |
High Power PoE Signal Path Magnetics Isolation transformer module for PoE Plus, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. COILCRAFT INC
|
LTC4269-1 LTC4269-2 LTC4266 LT4275 LTC4290 LTC4270 |
LTPoE /PoE /PoE PD Controller
|
Linear Technology
|
FGP-2410 |
24 PoE-Plus Fast Ethernet ports and 2 Gigabit combo (RJ-45/SFP) ports IEEE 802.3af/at PoE compliant to simplify deployment and installation
|
Level One
|
HX2019NLT H2005ANL H2006ANL H2008NL H2009NL H1197N |
100Base-TX VoIP Magnetics Modules RoHS peak reflow temperature rating 245C Power OVER Ethernet (PoE) Magnetics and (PoE ) Magnetics
|
Pulse A Technitrol Company
|
FEP-1611 |
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
|
Level One
|
NCP1081 NCP1081DEG NCP1081DER2G |
Integrated 40 W High Power PoE-PD & DC-DC Converter Controller (IEEE 802.3at Draft 3.0) SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO20 Integrated High Power PoE-PD Interface & DC-DC Converter Controller
|
ON Semiconductor
|
C1586-AL C1585-AL C1495-ALB C1586-ALD C1585-ALB |
Flyback Transformers PoE transformer, for NSC LM5070, 3.3V, SMT, RoHS 13 W, SMPS TRANSFORMER PoE transformer, for NSC LM5070, 12V, SMT, RoHS 13 W, SMPS TRANSFORMER PoE transformer, for NSC LM5070, 5V, SMT, RoHS 13 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
XF0406A-EFD15S XF0406A-EFD15S11 |
POE TRANSFORMER
|
XFMRS Inc.
|